Part Number Hot Search : 
SY88853V KRC834U 215004P 2MBI1 UMG7N GS832036 SFC2748 2SD2240A
Product Description
Full Text Search
 

To Download LPC4317 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  nxp lpc family of microcontrollers is changing the landscape for embedded applications. featuring award-winning innovations in connectivity, flexibility, level of integration, packaging, performance, power consumption, security, ease-of-use, and more, nxps lpc family provides developers a scalable continuum of 32-bit arm based microcontrollers with both software and hardware reusability and portability. nxps microcontrollers include the latest 32-bit cortex-m0, cortex-m3, and cortex-m4 based product cores and deliver high performance, low power consumption, and many peripheral options. surrounded by a rapidly growing eco-system of tools, community and support, lpc product are designed to help you easily transition from concept to production. nxp microcontrollers selection guide november 2012 lpc go nxps lpc go microcontrollers feature unprecedented performance, simplicity, and low-power. these products, based on 32-bit arm cores, are the most cost effective series compared to 8/16-bit solutions and provide a dramatic reduction in code size for every application. lpc go products can reduce your system cost and power consumption and are easy to use providing faster time-to- market. this category includes cortex-m0, cortex-m3 and arm7 based microcontrollers. type memory timers serial interfaces analog comparator lcd controller sd/mmc i/o pins external bus interface rtc max freq. (mhz) cpu voltage (v) i/o voltage (v) temp. range options package comment/special features flash (kb) ram (kb) eeprom (kb) standard timers + state confg timer pwm channels ++ ethernet usb uart i 2 c can spifi ssp/spi i 2 s adc channels/ resolution dac (10-bit) channels lpc800 devices lpc810 4 1 4** 1 4* 2 1 1 1 6 30 1.8 - 3.6 f dip8 on-chip apis (usart, i2c, power profle), 1k byte flash sector, 64 page erase/program, switch matrix, gpio-single cycle i/o access, pattern matching engine , i/o 5v tolerant lpc811 8 2 4** 1 4* 2 1 1 1 14 30 1.8 - 3.6 f tssop16 on-chip apis (usart, i2c, power profle), 1k byte flash sector, 64 page erase/program, switch matrix, gpio-single cycle i/o access, pattern matching engine , i/o 5v tolerant lpc812 16 4 4** 1 4* 3 1 2 1 14 30 1.8 - 3.6 f tssop16 on-chip apis (usart, i2c, power profle), 1k byte flash sector, 64 page erase/program, switch matrix, gpio-single cycle i/o access, pattern matching engine , i/o 5v tolerant lpc812 16 4 4** 1 4* 2 1 1 1 18 30 1.8 - 3.6 f so20 on-chip apis (usart, i2c, power profle), 1k byte flash sector, 64 page erase/program, switch matrix, gpio-single cycle i/o access, pattern matching engine , i/o 5v tolerant lpc812 16 4 4** 1 4* 3 1 2 1 18 30 1.8 - 3.6 f tssop20 on-chip apis (usart, i2c, power profle), 1k byte flash sector, 64 page erase/program, switch matrix, gpio-single cycle i/o access, pattern matching engine , i/o 5v tolerant lpc1100xl devices lpc1102 32 8 5 9** 1 1 5/10 b 11 50 3.3 f wlcsp16 2.17 x 2.32 x 0.6 mm miniture package size lpc1104 32 8 5 9** 1 1 5/10 b 13 50 3.3 f wlcsp16 2.17 x 2.32 x 0.6 mm miniature package size lpc1115 64 8 5 11** 1 1 2 8/10 b 42 50 3.3 f lqfp48 64k flash version of the lpc1114 lpc1114 32 4-8 5 11** 1 1 1-2 8/10 b 28/42 50 3.3 f tssop28, dip28, hvqfn33, lqfp48 on-chip power profle, i/o 5v tolerant; both 7 mm x 7 mm and 5 mm x 5 mm hvqfn33 available lpc1113 24 4-8 5 11** 1 1 1-2 8/10 b 28/42 50 3.3 f hvqfn33, lqfp48 on-chip power profle, i/o 5v tolerant lpc1112 16 2-4 5 11** 1 1 1 8/10 b 28 50 3.3 f tssop20, tssop28, hvqfn24/33 on-chip power profle, i/o 5v tolerant; both 7 mm x 7 mm and 5 mm x 5 mm hvqfn33 available lpc1111 8 2-4 5 11** 1 1 1 8/10 b 28 50 3.3 f tssop20, hvqfn33 on-chip power profle, i/o 5v tolerant lpc1110 4 1 5 11** 1 1 1 5/10 b 16 50 3.3 f so20 on-chip power profle, i/o 5v tolerant + includes watchdog timer. ++ using timers. *sct peripheral can be configured as additional timers and/or pwm channels **mrt (multi rate timer), self wake-up timer, sct can be configured as additonal timer temp. range options f= -40 to +85 c j= -40 to +105 c
type memory timers serial interfaces analog comparator lcd controller sd/mmc i/o pins external bus interface rtc max freq. (mhz) cpu voltage (v) i/o voltage (v) temp. range options package comment/special features flash (kb) ram (kb) eeprom (kb) standard timers + state confg timer pwm channels ++ ethernet usb uart i 2 c can spifi ssp/spi i 2 s adc channels/ resolution dac (10-bit) channels lpc1100lv devices lpc1112lv 16 2/4 5 11** 1 1 1 6/8 b 20/27 50 1.8 f hvqfn24/33 available dual 1.8v and 3.3v vdd for hvqfn33 package lpc1114lv 32 4/8 5 11** 1 1 1 6/8 b 20/27 50 1.8 f hvqfn24/33 available dual 1.8v and 3.3v vdd for hvqfn33 package lpc11e00 devices lpc11e14 32 10 4 5 11** 1 1 2 8/10 b 28/40/54 50 3.3 f lqfp64, lqfp48, hvqfn33 rom drivers- power profles, 32-b divide libraries, eeprom lpc11e13 24 8 2 5 11** 1 1 2 8/10 b 40 50 3.3 f lqfp48 rom drivers- power profles, 32-b divide libraries, eeprom lpc11e12 16 6 1 5 11** 1 1 2 8/10 b 40 50 3.3 f lqfp48 rom drivers- power profles, 32-b divide libraries, eeprom lpc11e11 8 4 512 b 5 11** 1 1 2 8/10 b 28 50 3.3 f hvqfn33 rom drivers- power profles, 32-b divide libraries, eeprom lpc1200 devices lpc1227 128 8 6 13** 2 1 1 8/10 b 39/55 1 30 3.3 f lqfp48, lqfp64 additional dma, crc, 2x comparators, rs-48s lpc1226 96 8 6 13** 2 1 1 8/10 b 39/55 1 30 3.3 f lqfp48, lqfp64 additional dma, crc, 2x comparators, rs-48s lpc1225 64/80 8 6 13** 2 1 1 8/10 b 39/55 1 30 3.3 f lqfp48, lqfp64 additional dma, crc, 2x comparators, rs-48s lpc1224 32/48 4 6 13** 2 1 1 8/10 b 39/55 1 30 3.3 f lqfp48. lqfp64 additional dma. crc. 2x comparators. rs-48s lpc1300 devices lpc1317 64 10 4 5 11** 1 1 2 8/12 b 28-51 72 3.3 f lqfp64, lqfp48, hvqfn33 usart, smart card interface, eeprom drivers and power profles in rom lpc1316 48 8 4 5 11** 1 1 2 8/12 b 28-51 72 3.3 f lqfp64, lqfp48, hvqfn33 usart, smart card interface, eeprom drivers and power profles in rom lpc1315 32 8 2 5 11** 1 1 2 8/12 b 28-51 72 3.3 f lqfp64, lqfp48, hvqfn33 usart, smart card interface, eeprom drivers and power profles in rom lpc1313 32 8 5 11** 1 1 1 8/10 b 28-42 72 3.3 f lqfp48, hvqfn33 low-cost, low-power cortex-m3 device lpc1311 8 2 5 11** 1 1 1 8/10 b 28 72 3.3 f hvqfn33 8k flash / 2k ram version of lpc1313 lpc2100 lpc2106/01 128 64 5 6 2 1 1 32 ? 60 1.8 3.3 f lqfp48 64k ram, 128k flash lpc2105/01 128 32 5 6 2 1 1 32 ? 60 1.8 3.3 f lqfp48 32k ram version of lpc2106/01 lpc2104/01 128 16 5 6 2 1 1 32 ? 60 1.8 3.3 f lqfp48 16k ram version of lpc2106/01 lpc2103 32 8 6 14** 2 2 2 8/12 b 32 ? 70 1.8 3.3 f lqfp48, hvqfn48 lowest cost, lowest power, adc lpc2102 16 4 6 14** 2 2 2 8/10 b 32 ? 70 1.8 3.3 f lqfp48, hvqfn48 16k flash, 4k ram version of lpc2103 lpc2101 8 2 6 14** 2 2 2 8/10 b 32 ? 70 1.8 3.3 f lqfp48 8k flash, 2k ram version of lpc2103 lpc go contd + includes watchdog timer. ++ using timers. temp. range options f= -40 to +85 c j= -40 to +105 c
lpc connect nxps lpc connect microcontrollers add point-to-point connectivity to lpc go products. adding a usb or can interface to your system has never been easier. lpc connect products combine these plug-and-play interfaces with software integrated drivers in on-chip rom. get to market faster with these easy-to-use connected microcontrollers. this category includes cortex-m0, cortex-m3 and arm7 based microcontrollers. type memory timers serial interfaces analog lcd controller sd/mmc i/o pins external bus interface rtc max freq. (mhz) cpu voltage ( v) i/o voltage ( v) temp. range options package comment/special features flash (kb) ram (kb) eeprom (kb) standard timers* pwm channels* ethernet usb uart i 2 c can spifi ssp/spi i 2 s adc channels/ resolution dac (10-bit) channels lpc11u10 devices lpc11u14 32 6 5 11** 1 1 1 2 8/10 b 26/40 50 3.3 f hvqfn33, lqfp48, tfbga48 32k flash version of lpc11u12 lpc11u13 24 6 5 11** 1 1 1 2 8/10 b 40 50 3.3 f lqfp48 24k flash version of lpc11u12 lpc11u12 16 6 5 11** 1 1 1 2 8/10 b 26/40 50 3.3 f lqfp48, hvqfn33 low cost, low-power cortex-m0 device with usb, on-chip power profles lpc11u20 devices lpc11u24 32 10 4 5 11** 1 1 2 8/10 b 26/40/54 50 3.3 f lqfp64, lqfp48, hvqfn33 rom drivers- usb drivers (hid, msc, cdc), power profles, 32-b divide libraries lpc11u24 32 8 2 5 11** 1 1 2 8/10 b 26/40 50 3.3 f hvqfn33 (5x5), tfbga48, lqfp48 rom drivers- usb drivers (hid, msc, cdc), power profles, 32-b divide libraries lpc11u23 24 8 1 5 11** 1 1 2 8/10 b 40 50 3.3 f lqfp48 rom drivers- usb drivers (hid, msc, cdc), power profles, 32-b divide libraries lpc11u30 devices lpc11u37 128 10/12 4 5 11** 1 1 1 2 8/10 b 40/54 50 3.3 f lqfp48/64 on-chip power profle, i/o 5v tolerant, 256 byte flash sector lpc11u36 96 10/12 4 5 11** 1 1 1 2 8/10 b 40/54 50 3.3 f lqfp48/64 on-chip power profle, i/o 5v tolerant, 256 byte flash sector lpc11u35 64 10/12 4 5 11** 1 1 1 2 8/10 b 40/54 50 3.3 f hvqfn33, lqfp48/64, tfbga48 on-chip power profle, i/o 5v tolerant, 256 byte flash sector, both 7mm x 7mm and 5mm x 5mm hvqfn33 available lpc11u34 40/48 8/10 4 5 11** 1 1 1 2 8/10 b 26/40 50 3.3 f hvqfn33, lqfp48 on-chip power profle, i/o 5v tolerant, 256 byte flash sector lpc11c00 devices lpc11c24 32 8 5 11** 1 1 1 2 8/10 b 36 50 3.3 f lqfp48 32k flash version of lpc11c22 lpc11c22 16 8 5 11** 1 1 1 2 8/10 b 36 50 3.3 f lqfp48 cortex-m0 mcu with on-chip can drivers and integrated can tranceiver lpc11c14 32 8 5 11** 1 1 1 2 8/10 b 42 50 3.3 f lqfp48 32k flash version of lpc11c12 lpc11c12 16 8 5 11** 1 1 1 2 8/10 b 42 50 3.3 f lqfp48 cortex-m0 mcu with on-chip can drivers lpc11axx devices lpc11a14 32 8 4 5 11** 1 1 2 10-b/8 1 28/42 50 3.3 f hvqfn33, lqfp48 comparator, vref, uvlo protection lpc11a13 24 6 2 5 11** 1 1 2 10-b/8 1 28 50 3.3 f hvqfn33 comparator, vref, uvlo protection lpc11a12 16 4 1 5 11** 1 1 2 10-b/8 1 28/42 50 3.3 f hvqfn33, lqfp48 comparator, vref, uvlo protection lpc11a11 8 2 512b 5 11** 1 1 2 10-b/8 1 28 50 3.3 f hvqfn33 comparator, vref, uvlo protection lpc11a04 32 8 4 5 11** 1 1 1 10-b/8 1 18 50 3.3 f wlcsp20 miniature package size, comparator, vref, uvlo protection lpc11a02 16 4 2 5 11** 1 1 1 10-b/8 1 18 50 f wlcsp20 comparator, vref, uvlo protection lpc134x devices lpc1347 64 12 4 5 11** 1 1 1 2 8/12 b 28-51 72 3.3 f lqfp64, lqfp48, hvqfn33 fs usb device, usb & eeprom drivers and power profles in rom, usart, smart card interface lpc1346 48 10 4 5 11** 1 1 1 2 8/12 b 28-51 72 3.3 f lqfp64, lqfp48, hvqfn33 fs usb device, usb & eeprom drivers and power profles in rom, usart, smart card interface lpc1345 32 10 4 5 11** 1 1 1 2 8/12 b 28-51 72 3.3 f lqfp64, lqfp48, hvqfn33 fs usb device, usb & eeprom drivers and power profles in rom, usart, smart card interface lpc1343 32 8 5 11** 1 1 1 1 8/10 b 28-42 72 3.3 f lqfp48, hvqfn33 low-cost, low-power cortex-m3 device with fs usb device interface and pre-loaded usb drivers lpc1342 16 4 5 11** 1 1 1 1 8/10 b 28 72 3.3 f hvqfn33 16k flash / 4k ram version of lpc1343 lpc213x devices lpc2138/01 512 32 5 6 2 2 2 2x8 1 47 ? 60 3.3 f lqfp64, hvqfn64 dual 8-ch. 10-bit adc, bod, por, 32-khz xtal input, vbat, fast i/o lpc2136/01 256 32 5 6 2 2 2 2x8 1 47 ? 60 3.3 f lqfp64 256k flash version of lpc2138/01 lpc2134/01 128 16 5 6 2 2 2 2x8 1 47 ? 60 3.3 f lqfp64 128k flash, 16k ram version of lpc2138/01 lpc2132/01 64 16 5 6 2 2 2 8 1 47 ? 60 3.3 f lqfp64, hvqfn64 64k flash, 16k ram version of lpc2138/01, single adc lpc2131/01 32 8 5 6 2 2 2 8 47 ? 60 3.3 f lqfp64 32k flash, 8k ram version of lpc2138/01, single adc, no dac * sct peripheral can be configured as additional timers and/or pwm channels. ** using timers. temp. range options f= -40 to +85 c j= -40 to +105 c
* sct peripheral can be configured as additional timers and/or pwm channels. ** using timers. type memory timers serial interfaces analog lcd controller sd/mmc i/o pins external bus interface rtc max freq. (mhz) cpu voltage ( v) i/o voltage ( v) temp. range options package comment/special features flash (kb) ram (kb) eeprom (kb) standard timers* pwm channels* ethernet usb uart i 2 c can spifi ssp/spi i 2 s adc channels/ resolution dac (10-bit) channels lpc214x devices lpc2148 512 40 5 6 1 2 2 2 8+6/10 b 1 45 ? 60 3.3 f lqfp64 lpc2138 plus usb 2.0 fs device lpc2146 256 40 5 6 1 2 2 2 8+6/10 b 1 45 ? 60 3.3 f lqfp64 lpc2136 plus usb 2.0 fs device lpc2144 128 16 5 6 1 2 2 2 8+6/10 b 1 45 ? 60 3.3 f lqfp64 lpc2134 plus usb 2.0 fs device lpc2142 64 16 5 6 1 2 2 2 6/10 b 1 45 ? 60 3.3 f lqfp64 lpc2132 plus usb 2.0 fs device lpc2141 32 8 5 6 1 2 2 2 6/10 b 45 ? 60 3.3 f lqfp64 lpc2131 plus usb 2.0 fs device lpc connect contd
lpc connectplus nxps lpc connectplus microcontrollers offer a broad range of interfaces and the bandwidth for running these multiple communication protocols simultaneously. connect to usb plus can plus ethernet plus lcd and more. lpc connectplus products are offered in a wide range of packages, memories and peripherals and feature pin-compatibility between cores. this category includes cortex-m3, cortex-m4 and arm7 based microcontrollers. type memory timers serial interfaces analog lcd controller sd/mmc i/o pins external bus interface rtc max freq. (mhz) cpu voltage (v) i/o voltage (v) temp. range options package comment/special features flash (kb) ram (kb) eeprom (kb) standard timers* pwm channels* state confg. timer ethernet usb uart** i 2 c** can spifi ssp/spi** i 2 s** adc channels/ resolution dac (10-bit) channels lpc17xx devices lpc1788 512 96 4 5 6 1 1 5 3 2 3 1 8/12 b 1 1 1 109-165 8-32 1 120 3.3 f lqfp208, tfbga208, tfbga180, lqfp144 usb host/otg/device, qei, 8/16/32-bit external memory controller (depends on package) lpc1787 5125 96 4 5 6 1 5 3 2 3 1 8/12 b 1 1 1 165 32 1 120 3.3 f lqfp208 usb host/otg/device, qei lpc1786 256 80 4 5 6 1 1 5 3 2 3 1 8/12 b 1 1 1 165 32 1 120 3.3 f lqfp208 usb host/otg/device, qei lpc1785 256 80 4 5 6 1 5 3 2 3 1 8/12 b 1 1 1 165 32 1 120 3.3 f lqfp208 usb host/otg/device lpc1778 512 96 4 5 6 1 1 5 3 2 3 1 8/12 b 1 1 109-165 8-32 1 120 3.3 f lqfp208, tfbga208, tfbga180, lqfp144 usb host/otg/device, qei, 8/16/32-bit external memory controller (depends on package) lpc1777 512 96 4 5 6 1 5 3 2 3 1 8/12 b 1 1 165 32 1 120 3.3 f lqfp208 usb host/otg/device, qei lpc1776 256 80 4 5 6 1 1 5 3 2 3 1 8/12 b 1 1 141-165 16-32 1 120 3.3 f lqfp208, tfbga180 usb host/otg/device, qei lpc1774 128 40 2 5 6 1 4 3 2 3 1 8/12 b 1 109-165 8-32 1 120 3.3 f lqfp208, lqfp144 usb device only, 8/32-bit external memory controler (depends on package) lpc1773 128 40 2 5 6 1 4 3 2 1 3 1 8/12 b 1 109-165 1 120 3.3 f lqfp144 usb device only lpc1769 512 64 6 6 1 1 4 3 2 2 1 8/12 b 1 70 1 120 3.3 f lqfp100 fs usb host/otg/device, qei, motor control pwm lpc1768 512 64 6 6 1 1 4 3 2 2 1 8/12 b 1 70 1 100 3.3 f lqfp100, tfbga100 fs usb host/otg/device, qei, motor control pwm lpc1767 512 64 6 6 1 4 3 2 1 8/12 b 1 70 1 100 3.3 f lqfp100 qei, motor control pwm lpc1766 256 64 6 6 1 1 4 3 2 2 1 8/12 b 1 70 1 100 3.3 f lqfp100 fs usb host/otg/device, qei, motor control pwm lpc1765 256 64 6 6 1 4 3 2 2 1 8/12 b 1 70 1 100 3.3 f lqfp100, tfbga100 fs usb host/otg/device, qei, motor control pwm lpc17xx devices lpc1764 128 32 6 6 1 1 4 3 2 2 8/12 b 70 1 100 3.3 f lqfp100 fs usb host/otg/device, qei, motor control pwm lpc1763 256 64 6 6 4 3 2 1 8/12 b 1 70 1 100 3.3 f lqfp100 qei, motor control pwm lpc1759 512 64 6 6 1 4 3 2 2 1 6/12 b 1 52 1 120 3.3 f lqfp80 fs usb host/otg/device, qei, motor control pwm lpc1758 512 64 6 6 1 1 4 3 2 2 1 6/12 b 1 52 1 100 3.3 f lqfp80 fs usb host/otg/device, qei, motor control pwm lpc1756 256 32 6 6 1 4 3 2 2 1 6/12 b 1 52 1 100 3.3 f lqfp80 fs usb host/otg/device, qei, motor control pwm lpc1754 128 32 6 6 1 4 3 1 2 6/12 b 1 52 1 100 3.3 f lqfp80 fs usb host/otg/device, qei, motor control pwm lpc1752 64 16 6 6 1 4 3 1 2 6/12 b 52 1 100 3.3 f lqfp80 fs usb host/otg/device, qei, motor control pwm lpc1751 32 8 6 6 1 4 3 1 2 6/12 b 52 1 100 3.3 f lqfp80 fs usb host/otg/device, qei, motor control pwm * sct peripheral can be configured as additional timers and/or pwm channels. ** sgpio peripheral can be configured as additional i 2 s, i2c, uart and/or ssp channels. temp. range options f= -40 to +85 c j= -40 to +105 c
* sct peripheral can be configured as additional timers and/or pwm channels. ** sgpio peripheral can be configured as additional i 2 s, i2c, uart and/or ssp channels. temp. range options f= -40 to +85 c j= -40 to +105 c type memory timers serial interfaces analog lcd controller sd/mmc i/o pins external bus interface rtc max freq. (mhz) cpu voltage (v) i/o voltage (v) temp. range options package comment/special features m0 coprocessor floating pt unit flash (kb) ram (kb) eeprom (kb) standard timers* pwm channels* state confg. timer ethernet usb uart** i 2 c** can spifi ssp/spi** i 2 s** adc channels/ resolution dac (10-bit) channels lpc23xx devices lpc2388 512 98 6 6 1 1 4 3 2 3 1 8/10 b 1 ? 104 ? ? 72 3.3 f lqfp144 lpc2378 with 98k sram and usb host/otg/device lpc2387 512 98 6 6 1 1 4 3 2 3 1 6 1 ? 70 ? 72 3.3 f lqfp100 lpc2368 with 98k sram and usb host/otg/device lpc2378 512 58 6 6 1 1 4 3 2 3 1 8/10 b 1 ? 104 ? ? 72 3.3 f lqfp144 on-chip 4 mhz rc-osc, gp dma, rtc w/ 2k batt. ram usb 2.0 fs device w/ phy, dma and 4k ram; uart 3 w/ irda; minibus (8-bit) lpc2377 512 58 6 6 1 4 3 3 1 8/10 b 1 ? 104 ? ? 72 3.3 f lqfp144 lpc2378 without usb or can lpc2368 512 58 6 6 1 1 4 3 2 3 1 6/10 b 1 ? 70 ? 72 3.3 f lqfp100, tfbga100 100-pin version of lpc2378 with usb device, no external bus lpc2367 512 58 6 6 1 4 3 3 1 6/10 b 1 ? 70 ? 72 3.3 f lqfp100 lpc2368 without usb or can lpc2366 256 58 6 6 1 1 4 3 2 3 1 6/10 b 1 70 ? 72 3.3 f lqfp100 256k flash version of lpc2368 with usb device, no sd/mmc lpc2365 256 58 6 6 1 4 3 3 1 6/10 b 1 70 ? 72 3.3 f lqfp100 lpc2366 without usb or can lpc2364 128 34 6 6 1 1 4 3 2 3 1 6/10 b 1 70 ? 72 3.3 f,h lqfp100 tfbga100 128k flash / 34k ram version of lpc2368 with usb device, no sd/mmc lpc2362 128 58 6 6 1 1 4 3 2 3 1 6/10 b 1 70 ? 72 3.3 f lqfp100 lpc2364 with usb host/otg/device and more ram lpc2361 64 34 6 6 1 4 3 2 3 1 6/10 b 1 70 ? 72 3.3 f lqfp100 64k flash, usb host/otg/device and can controller lpc2388 512 98 6 6 1 1 4 3 2 3 1 8/10 b 1 ? 104 ? ? 72 3.3 f lqfp144 lpc2378 with 98k sram and usb host/otg/device lpc2387 512 98 6 6 1 1 4 3 2 3 1 6/10 b 1 ? 70 ? 72 3.3 f lqfp100 lpc2368 with 98k sram and usb host/otg/device lpc2378 512 58 6 6 1 1 4 3 2 3 1 8/10 b 1 ? 104 ? ? 72 3.3 f lqfp144 on-chip 4 mhz rc-osc, gp dma, rtc w/ 2k batt. ram usb 2.0 fs device w/ phy, dma and 4k ram; uart 3 w/ irda; minibus (8-bit) lpc2377 512 58 6 6 1 4 3 3 1 8/10 b 1 ? 104 ? ? 72 3.3 f lqfp144 lpc2378 without usb or can lpc23xx devices lpc2368 512 58 6 6 1 1 4 3 2 3 1 6/10 b 1 ? 70 ? 72 3.3 f lqfp100, tfbga100 100-pin version of lpc2378 with usb device, no external bus lpc2367 512 58 6 6 1 4 3 3 1 6/10 b 1 ? 70 ? 72 3.3 f lqfp100 lpc2368 without usb or can lpc2366 256 58 6 6 1 1 4 3 2 3 1 6/10 b 1 70 ? 72 3.3 f lqfp100 256k flash version of lpc2368 with usb device, no sd/mmc lpc2365 256 58 6 6 1 4 3 3 1 6/10 b 1 70 ? 72 3.3 f lqfp100 lpc2366 without usb or can lpc2364 128 34 6 6 1 1 4 3 2 3 1 6/10 b 1 70 ? 72 3.3 f,h lqfp100 tfbga100 128k flash / 34k ram version of lpc2368 with usb device, no sd/mmc lpc2362 128 58 6 6 1 1 4 3 2 3 1 6/10 b 1 70 ? 72 3.3 f lqfp100 lpc2364 with usb host/otg/device and more ram lpc2361 64 34 6 6 1 4 3 2 3 1 6/10 b 1 70 ? 72 3.3 f lqfp100 64k flash, usb host/otg/device and can controller lpc connectplus contd
type memory timers serial interfaces analog lcd controller sd/mmc i/o pins external bus interface rtc max freq. (mhz) cpu voltage (v) i/o voltage (v) temp. range options package comment/special features m0 coprocessor floating pt unit flash (kb) ram (kb) eeprom (kb) standard timers* pwm channels* state confg. timer ethernet usb uart** i 2 c** can spifi ssp/spi** i 2 s** adc channels/ resolution dac (10-bit) channels lpc24xx devices lpc2478 512 98 6 12 1 2 4 3 2 2 1 8/10 b 1 ? ? 160 ? ? 72 3.3 f lpfp208, tfbga208 lpc2468 with xga lcd controller, usb device/host/otg lpc2470 98 6 12 1 2 4 3 2 2 1 8/10 b 1 ? ? 160 ? ? 72 3.3 f lpfp208, tfbga208 lpc2468 with xga lcd controller, usb device/host/otg lpc2468 512 98 6 12 1 2 4 3 2 2 1 8/10 b 1 ? 160 ? ? 72 3.3 f lpfp208, tfbga208 on-chip 4-mhz rc-osc, gp dma, rtc w/ 2k batt. ram 2 pwm blocks; usb 2.0 fs host/otg/device, dma and 4k ram; uart 3 w/ irda; 32-bit ext. bus lpc2460 98 6 12 1 2 4 3 2 2 1 8/10 b 1 ? 160 ? ? 72 3.3 f lpfp208, tfbga208 flashless lpc2468 lpc2458 512 98 6 12 1 2 4 3 2 2 1 8/10 b 1 ? 160 ? ? 72 3.3 f tfbga180 lpc2468 with 16-bit external memory interface, usb device/host/otg lpc2420 82 6 12 2 4 3 2 1 8/10 b 1 ? 160 ? ? 72 3.3 f lpfp208, tfbga208 flashless usb device/host/otg controller, usb device/host/otg lpc4000 series lpc4088 1 512 96 4 5 6 1 1 5 3 2 1 3 1 8/12 b 1 1 1 109-165 8-32 1 120 3.3 f lqfp208, tfbga208, tfbga180, lqfp144 usb host/otg/device, qei, 8/16/32-bit external memory controller (depends on package), 2 analog comparators lpc4078 1 512 96 4 5 6 1 1 5 3 2 1 3 1 8/12 b 1 1 53-165 8-32 1 120 3.3 f lqfp208, tfbga208, tf- bga180, lqfp144 , lqfp80 usb host/otg/device, qei, 8/16/32-bit external memory controller (depends on package), 2 analog comparators lpc4076 1 256 80 4 5 6 1 1 5 3 2 1 3 1 8/12 b 1 1 109-140 8-16 1 120 3.3 f tfbga180, lqfp144 usb host/otg/device, qei, 8/16-bit external memory controller (depends on package) , 2 analog comparators lpc4074 128 40 2 5 6 1 4 3 2 1 3 1 8/12 b 1 53-109 8 1 120 3.3 f lqfp144, lqfp80 usb device, 8-bit external memory controller lpc4072 64 32 2 5 6 1 4 3 2 1 3 1 8/12 b 1 53 8 1 120 3.3 f tfbga80, lqfp80 usb device, 8-bit external memory controller lpc connectplus contd * sct peripheral can be configured as additional timers and/or pwm channels. ** sgpio peripheral can be configured as additional i 2 s, i2c, uart and/or ssp channels. temp. range options f= -40 to +85 c j= -40 to +105 c
type memory timers serial interfaces analog lcd controller sd/mmc i/o pins external bus interface rtc max freq. (mhz) cpu voltage (v) i/o voltage (v) temp. range options package comment/special features m0 coprocessor floating pt unit flash (kb) ram (kb) eeprom (kb) standard timers* pwm channels* state confg. timer ethernet usb uart** i 2 c** can spifi ssp/spi** i 2 s** sgpio adc channels/ resolution dac (10-bit) chan- nels lpc1800 devices lpc1857 1024 136 16 5 6 1 1 2 4 2 2 1 3 2 8/10 b (x2) 1 1 1 146 16-32 1 180 3.3 f and j lqfp208, lbga256/ tfbga180 dual-bank flash, 1024x768 color lcd controller, on-chip hs phy, spifi, sct, rtc, qei. lpc1853 512 136 16 5 6 1 1 2 4 2 2 1 3 2 8/10 b (x2) 1 1 1 146 16-32 1 180 3.3 f and j lqfp208, lbga256/ tfbga180 dual-bank flash, 1024x768 color lcd controller, on-chip hs phy, spifi, sct, rtc, qei. ** lpc1850 200 5 6 1 1 2 4 2 2 1 3 2 8/10 b (x2) 1 1 1 146 16-32 1 180 3.3 f lqfp208, lbga256/ tfbga180 1024x768 color lcd controller, on-chip hs phy, spifi, sct, rtc, qei. available q4 2011 ** lpc1837 1024 136 16 5 6 1 1 2 4 2 2 1 3 2 8/10 b (x2) 1 1 146 16-32 1 180 3.3 f and j lqfp144, lbga256/ tf- bga180/100 dual-bank flash, on-chip hs phy, spifi, sct, rtc, qei. lpc1833 512 136 16 5 6 1 1 2 4 2 2 1 3 2 8/10 b (x2) 1 1 146 16-32 1 180 3.3 f and j lqfp144, lbga256/ tf- bga180/100 dual-bank flash, on-chip hs phy, spifi, sct, rtc, qei. lpc1830 200 5 6 1 1 2 4 2 2 1 3 2 8/10 b (x2) 1 1 146 16-32 1 180 3.3 f lqfp144, lbga256/ tf- bga180/100 on-chip hs phy, spifi, sct, rtc, qei. available q4 2011 lpc1827 1024 136 16 5 6 1 1 4 2 2 1 3 2 8/10 b (x2) 1 1 up to 64 8-16 1 180 3.3 j lqfp144, tfbga100 dual-bank flash, on-chip hs phy, spifi, sct, rtc, qei. lpc1825 768 136 16 5 6 1 1 4 2 2 1 3 2 8/10 b (x2) 1 1 up to 64 8-16 1 180 3.3 j lqfp144, tfbga100 dual-bank flash, on-chip hs phy, spifi, sct, rtc, qei. lpc1823 512 104 16 5 6 1 1 4 2 2 1 3 2 8/10 b (x2) 1 1 up to 64 8-16 1 180 3.3 j lqfp144, tfbga100 dual-bank flash, on-chip hs phy, spifi, sct, rtc, qei. lpc1822 512 104 16 5 6 1 1 4 2 2 1 3 2 8/10 b (x2) 1 1 up to 64 8-16 1 180 3.3 j lqfp144, tfbga100 on-chip hs phy, spifi, sct, rtc, qei. lpc1820 168 5 6 1 1 4 2 2 1 3 2 8/10 b (x2) 1 1 up to 64 8-16 1 180 3.3 f lqfp144, tfbga100 on-chip hs phy, spifi, sct, rtc, qei. available q4 2011 lpc1817 1024 136 16 5 6 1 4 2 2 1 3 2 8/10 b (x2) 1 1 up to 64 8-16 1 180 3.3 j lqfp144, tfbga100 dual-bank flash, spifi, sct, rtc, qei. lpc1815 768 136 16 5 6 1 4 2 2 1 3 2 8/10 b (x2) 1 1 up to 64 8-16 1 180 3.3 j lqfp144, tfbga100 dual-bank flash, spifi, sct, rtc, qei. lpc1813 512 104 16 5 6 1 4 2 2 1 3 2 8/10 b (x2) 1 1 up to 64 8-16 1 180 3.3 j lqfp144, tfbga100 dual-bank flash, spifi, sct, rtc, qei. lpc1812 512 104 16 5 6 1 4 2 2 1 3 2 8/10 b (x2) 1 1 up to 64 8-16 1 180 3.3 j lqfp144, tfbga100 spifi, sct, rtc, qei. lpc1810 136 5 6 1 4 2 2 1 3 2 8/10 b (x2) 1 1 up to 64 8-16 1 180 3.3 f lqfp144, tfbga100 spifi, sct, rtc, qei. available q4 2011 lpc4300 series lpc4357 1 1 1024 136 16 5 6 1 1 2 4 2 2 1 3 2 1 8/10 b (x2) 1 1 1 146 16-32 1 204 3.3 f and j lqfp208, lbga256/ tfbga180 dual-bank flash, 1024x768 color lcd controller, hs usb phy, qei. lpc4353 1 1 512 136 16 5 6 1 1 2 4 2 2 1 3 2 1 8/10 b (x2) 1 1 1 146 16-32 1 204 3.3 f and j lqfp208, lbga256/ tfbga180 cortex-m4/m0, fpu, dual-bank flash, 1024x768 color lcd controller, hs usb phy, spifi, sct, sgpio, rtc, qei. lpc4350 1 1 264 5 6 1 1 2 4 2 2 1 3 2 1 8/10 b (x2) 1 1 1 146 16-32 1 204 3.3 f lqfp208, lbga256/ tfbga180 cortex-m4/m0, fpu, 1024x768 color lcd controller, hs usb phy, spifi, sct, sgpio, rtc, qei. available q4 2011 lpc4337 1 1 1024 136 16 5 6 1 1 2 4 2 2 1 3 2 1 8/10 b (x2) 1 1 146 16-32 1 204 3.3 f and j lqfp144, lbga256/ tfbga180/100 cortex-m4/m0, fpu, dual-bank flash, hs usb phy, spifi, sct, sgpio, rtc, qei. lpc4333 1 1 512 136 16 5 6 1 1 2 4 2 2 1 3 2 1 8/10 b (x2) 1 1 146 16-32 1 204 3.3 f and j lqfp144, lbga256/ tfbga180/100 cortex-m4/m0, fpu, dual-bank flash, hs usb phy, spifi, sct, sgpio, rtc, qei. lpc4330 1 1 264 5 6 1 1 2 4 2 2 1 3 2 1 8/10 b (x2) 1 1 146 16-32 1 204 3.3 f lqfp144, lbga256/ tfbga180/100 cortex-m4/m0, fpu, hs usb phy, spifi, sct, sgpio, rtc, qei. available q4 2011 lpc4327 1 1 1024 136 16 5 6 1 1 4 2 2 1 3 2 1 4-6/10 b (x2) 1 1 up to 64 8-16 1 204 3.3 j lqfp144, tfbga100 cortex-m4/m0, fpu, dual-bank flash, hs usb phy, spifi, sct, sgpio, rtc, qei. lpc4325 1 1 768 136 16 5 6 1 1 4 2 2 1 3 2 1 4-6/10 b (x2) 1 1 up to 64 8-16 1 204 3.3 j lqfp144, tfbga100 cortex-m4/m0, fpu, dual-bank flash, hs usb phy, spifi, sct, sgpio, rtc, qei. lpc4323 1 1 512 104 16 5 6 1 1 4 2 2 1 3 2 1 4-6/10 b (x2) 1 1 up to 64 8-16 1 204 3.3 j lqfp144, tfbga100 cortex-m4/m0, fpu, dual-bank flash, hs usb phy, spifi, sct, sgpio, rtc, qei. l pc connectturbo nxps lpc connectturbo microcontrollers include the industrys fastest cortex-m microcontrollers. this turbo performance is combined with advanced peripherals for solving complex design challenges. lpc connectturbo innovations include hi-speed usb with integrated hi-speed phy, nxps unique spi flash interface (spifi), state configurable timer (sct), serial gpio and an industry first dual-core cortex-m4/m0. all this integration reduces system cost and enables unprecedented embedded performance. this category includes cortex-m3, cortex-m4 and arm9 based microcontrollers. * sct peripheral can be configured as additional timers and/or pwm channels. ** sgpio peripheral can be configured as additional i2s, i2c, uart and/or ssp channels. temp. range options f= -40 to +85 c j= -40 to +105 c
type m0 coprocessor floating pt unit memory timers serial interfaces analog lcd controller sd/mmc i/o pins external bus interface rtc pll max freq. (mhz) cpu voltage (v) i/o voltage (v) temp. range options package comment/special features flash (kb) ram (kb) eeprom (kb) standard timers* pwm channels* state confg. timer ethernet usb uart** i 2 c** can spifi ssp/spi** i 2 s** sgpio adc channels/ resolution dac (10-bit) channels lpc4300 series lpc4322 1 1 512 104 16 5 6 1 1 4 2 2 1 3 2 1 4-6/10 b (x2) 1 1 up to 64 8-16 1 204 3.3 j lqfp144, tfbga100 cortex-m4/m0, fpu, hs usb phy, spifi, sct, sgpio, rtc, qei. lpc4320 1 1 200 5 6 1 1 4 2 2 1 3 2 1 4-6/10 b (x2) 1 1 up to 64 8-16 1 204 3.3 f lqfp144, tfbga100 cortex-m4/m0, fpu, hs usb phy, spifi, sct, sgpio, rtc, qei. available q4 2011 LPC4317 1 1 1024 136 16 5 6 1 4 2 2 1 3 2 1 4-6/10 b (x2) 1 1 up to 64 8-16 1 204 3.3 j lqfp144, tfbga100 cortex-m4/m0, fpu, dual-bank flash, spifi, sct, sgpio, rtc, qei. lpc4315 1 1 768 136 16 5 6 1 4 2 2 1 3 2 1 4-6/10 b (x2) 1 1 up to 64 8-16 1 204 3.3 j lqfp144, tfbga100 cortex-m4/m0, fpu, dual-bank flash, spifi, sct, sgpio, rtc, qei. lpc4313 1 1 512 104 16 5 6 1 4 2 2 1 3 2 1 4-6/10 b (x2) 1 1 up to 64 8-16 1 204 3.3 j lqfp144, tfbga100 cortex-m4/m0, fpu, dual-bank flash, spifi, sct, sgpio, rtc, qei. lpc4312 1 1 512 104 16 5 6 1 4 2 2 1 3 2 1 4-6/10 b (x2) 1 1 up to 64 8-16 1 204 3.3 j lqfp144, tfbga100 cortex-m4/m0, fpu, spifi, sct, sgpio, rtc, qei. lpc4310 1 1 168 5 6 1 4 2 2 1 3 2 1 4-6/10 b (x2) 1 1 up to 64 8-16 1 204 3.3 f lqfp144, tfbga100 cortex-m4/m0, fpu, spifi, sct, sgpio, rtc, qei. available q4 2011 lpc 2900 lpc2939 768 56 16 7 24 2 4 2 2 3 24/10 b 152 ? ? 125 1.8 3.3 f lqfp208 arm968e-s mcu with usb host/otg/device, 32k i- & d- tcm, motor control, gp dma, 16 kb eeprom lpc2930 56 16 7 24 2 4 2 2 3 24/10 b 152 ? ? 125 1.8 3.3 f lqfp208 flashless version of lpc2939 lpc2929 768 56 16 7 24 1 4 2 2 3 24/10 b 104 ? ? 125 1.8 3.3 f lqfp144 lpc2939 with 144 pins and without usb host lpc2927 512 56 16 7 24 1 4 2 2 3 24/10 b 104 ? ? 125 1.8 3.3 f lqfp144 lpc2929 with 512k flash, usb device/otg lpc2926 256 56 16 7 24 1 4 2 2 3 24/10 b 104 ? 125 1.8 3.3 f lqfp144 lpc2927 with 256k flash lpc2925 512 40 16 7 24 1 4 2 2 3 16/10 b 60 ? 125 1.8 3.3 f lqfp100 lpc2923 256 24 16 7 24 1 4 2 2 3 16/10 b 60 ? 125 1.8 3.3 f lqfp100 lpc2925 with 256k flash lpc2921 128 24 16 7 24 1 4 2 2 3 16/10 b 60 ? 125 1.8 3.3 f lqfp100 lpc2923 with 128k flash, usb device lpc2919/01 768 56 16 7 24 4 2 2 3 16/10 b 108 ? ? 125 1.8 3.3 f lqfp144 arm968e-s mcu with 2 lin master controllers, 16k i-tcm, 16k d-tcm lpc2917/01 521 56 16 7 24 4 2 2 3 16/10 b 108 ? ? 125 1.8 3.3 f lqfp144 lpc2919/01 with 512k flash * includes watchdog timer and real-time clock. ** using timers 0-3. temp. range options f= -40 to +85 c j= -40 to +105 c l pc connectturbo contd
lpc command nxps lpc command application processors provide an ideal low-cost platform for running the linux operating system. based on the arm9 core, lpc command products provide an extensive set of peripherals and are designed for general purpose and specialty embedded applications such as high-speed document printers/scanners, industrial control, and motor control. this category includes arm9 based microcontrollers. type memory timers serial interfaces analog lcd controller sd/mmc i/o pins external bus interface pll max freq. (mhz) cpu voltage (v) i/o voltage (v) temp. range options package comment/special features flash (kb) ram (kb) eeprom (kb) standard timers pwm channels ethernet usb uart i 2 c can spfi ssp/spi i 2 s adc channels/ resolution dac (10-bit) channels lpc3100 lpc3154 192 4 1 1 1 1 3 2 3/10 b ? ? 157 ? ? 180 1.2 1.8/2.8/3.3 f tfbga208 lpc3152 with a decryption engine & secure boot lpc3152 192 4 1 1 1 1 3 2 3/10 b ? ? 157 ? ? 180 1.2 1.8/2.8/3.3 f tfbga208 stereo codec with class-ab headphone amplifer, power supply unit, battery charger, unique id, otp, hs usb 2.0 otg with on-chip phy, nand flash controller, mmc/sdhc/sdio/ce-ata, 6800/8080/serial lcd interface lpc3143 192 4 1 1 1 2 4 2 4/10 b ? ? 97 ? ? 270 1.2 1.8/2.8/3.3 f tfbga180 lpc3141 with a decryption engine & secure boot lpc3141 192 4 1 1 1 2 4 2 4/10 b ? ? 97 ? ? 270 1.2 1.8/2.8/3.3 f tfbga180 hs usb 2.0 otg with on-chip phy, nand flash controller, mmc/sdhc/sdio/ce-ata, 6800/8080 lcd interface, random number generator, unique id, otp lpc3131 192 4 1 1 1 2 4 2 4/10 b ? ? 97 ? ? 180 1.2 1.8/2.8/3.3 f tfbga180 lpc3130 with 192k sram, hs usb host/otg/device lpc3130 96 4 1 1 1 2 4 2 4/10 b ? ? 97 ? ? 180 1.2 1.8/2.8/3.3 f tfbga180 hs usb 2.0 host/otg/device with on-chip phy, nand flash controller with 8-bit ecc, mmc/sdhc/ sdio/ce-ata, 6800/8080/serial lcd interface, random number generator lpc3180/01 64 4 1 1 7 2 3 3/10 b ? 55 ? ? 208 1.2 1.8/2.8/3.0 f lfbga320 vfp unit, nand flash, sdram/ddr, usb 2.0 fs host/otg device lpc3200 lpc3250 256 8 11 1 1 7 2 2 2 2 3/10 b ? ? 87 ? ? 266/208 1.35/1.2 1.8/2.8/3.0 f lfbga296 vfp unit, nand flash, sram/sdram/ddr, usb 2.0 fs host/otg/device, 24-bit color lcd controler and touchscreen controller, keypad interface, and 0.9 v low-power mode lpc3240 256 8 11 1 1 7 2 2 2 2 3/10 b ? 87 ? ? 266/208 1.35/1.2 1.8/2.8/3.0 f lfbga296 vfp unit, nand flash, sram/sdram/ddr, usb 2.0 fs host/otg/device, keypad interface, and 0.9 v low-power mode lpc3230 256 8 11 1 7 2 2 2 2 3/10 b ? ? 87 ? ? 266/208 1.35/1.2 1.8/2.8/3.0 f lfbga296 vfp unit, nand flash, sram/sdram/ddr, usb 2.0 fs host/otg/device, 24-bit color lcd controler and touchscreen controller, keypad interface, and 0.9 v low-power mode lpc3220 128 8 11 1 7 2 2 2 2 3/10 b ? 87 ? ? 266/208 1.35/1.2 1.8/2.8/3.0 f lfbga296 vfp unit, nand flash, sram/sdram/ddr, usb 2.0 fs host/otg/device, keypad interface, and 0.9 v low-power mode temp. range options f= -40 to +85 c j= -40 to +105 c
need devices, support, or development tools? for a list of sales offices and distributors near you, please visit www.nxp.com/profile/sales/index.html for general support, please visit www.nxp.com/microcontrollers for tools, evaluation boards, or development support, please visit www.nxp.com
? 2012 nxp semiconductors n.v. all rights reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. date of release: november 2012 document order number: 9397 750 17327 printed in the netherlands www.nxp.com


▲Up To Search▲   

 
Price & Availability of LPC4317

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X